Part Number Hot Search : 
15D120KG KAS0712 MB4107A OH1881 ADC08 ENA0972 P3000 FJ256
Product Description
Full Text Search
 

To Download ADAPTERS-TYPE-NSMA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Adapters, Type-N/SMA
50, DC to 18 GHz
Features
* flat response * excellent VSWR, 1.10:1 typ. up to 12.4 GHz and 1.15:1 typ. up to 18 GHz * passivated stainless steel * low cost adapters, available from stock
NE W!
Applications
* interconnection of RF cables and equipment
Electrical Specifications
MODEL NO. CONNECTOR TYPE CONN 1 CONN 2 FREQUENCY (GHz) fL-fU VSWR (:1) Max.
DC-8 DC-12.4 DC-18 GHz GHz GHz
IMPEDANCE (OHMS)
CASE STYLE
PRICE $
Qty. (1-49)
NM-SM50
N-Male
SMA-Male
DC-18
1.15
1.20
1.30
50
DJ824
22.95
NF-SM50
N-Female
SMA-Male
DC-18
1.15
1.20
1.25
50
DJ826
22.95
NF-SF50
N-Female
SMA-Female
DC-18
1.15
1.20
1.25
50
DJ827
22.95
NM-SF50
N-Male
SMA-Female
DC-18
1.15
1.25
1.25
50
DJ825
22.95
Maximum Ratings
Operating Temperature Storage Temperature -55C to 100C -55C to 100C
Outline Drawing
CONN 1 CONN 2
Outline Dimensions ( inch ) mm
Case No. DJ824 DJ825 DJ826 DJ827 A .812 20.62 .812 20.62 -- -- -- -- B .90 22.86 .90 22.86 .70 17.78 .70 17.78 C -- -- -- -- -- -- -- -- D 1.28 32.51 1.24 31.50 1.28 32.51 1.23 31.24 E wt. grams .312 34.6 7.92 -- -- .312 7.92 -- -- 33.6 27.4 26.0
B*
A**
E**
D.05
* MAX FOR DJ826, 827 ** DIM IS ACROSS FLATS B - OVERALL ADAPTER DIMENSION BODY/CONNECTOR SHAPE VARIES
Mini-Circuits
(R)
INTERNET http://www.minicircuits.com P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
REV. B M78673 EE-9107 ADAPTERS-TYPE-N RS/TD/CP 011017
Distribution Centers NORTH AMERICA 800-654-7949 * 417-335-5935 * Fax 417-335-5945 * EUROPE 44-1252-832600 * Fax 44-1252-837010
ISO 9001 CERTIFIED


▲Up To Search▲   

 
Price & Availability of ADAPTERS-TYPE-NSMA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X